Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPL115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
9
Altimetry
1. Alti/Baro
Press
2. Waterlevel
UPorDN
3. Inertial
4. Additional
‘1’
1. Altimetry
Press
a. MPXM2102A
UPorDN
b. MPL115A2
c. Experimental
‘a’
Raw Value
Altitude
0x017c1d
459m
2(LP) value
Pressure
0x017c1f
95.365 kPa
Select the MPXM2102A,
option ‘a’ for higher resolution,
amplified pressure readings
for Altimetry.
Note the way that the output is displayed. The Raw value of the
24-bit ADC value is displayed on the left. The bottom left has the
raw value after it passes two low pass filters in software. This value
is mores stable but takes longer to update.
On the right the Altitude is displayed. This is the pressure
converted to altitude in (m). The Pressure corresponding to the
ADC value is shown in the bottom right.
The board can be placed on the table. Note the Altitude
measurement as it stabilizes. Then raise it above your head as a
‘1m’ increase. The value should go up by 1m. Place on the table
again. It should drop to the original value. Place on the floor, it will
again decrement 1m. Note that ambient pressure from A/C units
can affect this value drastically.
Barometer Compensated Pressure Output
1. Altimetry
Press
a. MPXM2102A
UPorDN
b. MPL115A2
c. Experimental
‘b’
MPL115A2
RawValues
Press ADC
74c0
0467
Temp ADC
6b40
0428
ENTER for Coefficients
6 Coefficients
ao = 3dc4
c11 = f8a0
b1 = bd7a
c12 = 2flc
b2 = c299
c22 = 0dc0
Compensated Pressure
PComp =9778 kPa
Altitude = 365 m
The values for the MPL115A
are shown here. To the left are
the Pressure and Temp ADC
values in their raw form in
HEX. To the right of them are
the shifted values displayed in
decimal.
Values of the Coefficients are
shown here. These are used
for the next step in calculating
the compensated Pressure.
Compensated Pressure is
displayed. This is with an
accuracy of ±1kPa.
Press ENT to continue to the
Alarm section.
ALARM System
Enter your Threshold
0.50
kPa
Enter for Activation
ALARM sounds when
Threshold is reached
Press.
96.574 kPa
ALARM
97.324
Continued from the MPL115A
compensated Barometer
section above. Press UP and
DN to set the Alarm Threshold
in increments of 0.25kPa.
Press ENT to activate the
Alarm
Alarm is now Active. Note the
outputs of the current Pressure
in kPa, and the Alarm
Threshold point. Once
crossed, the red LED will flash
as the buzzer sounds. Try
activating by pressurizing the
MPL115A. This can be done
with a plastic syringe with
rubber tubing at the end to
make an air tight fit.
ENT
ENT
ENT
ENT
ENT
ENT
ENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com