Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
13
Summarizing in Table 5
DEMOAPEXSENSOR can read a 0.000963 (kPa/ADC count) step for a 0 to 100kPa MPXM2102A sensor.
The formulas earlier were shown to reference the pressure to altitude relationship.
Converting all this to altitude:
Reviewing Table 6, the DEMOAPEXSENSOR has code written to interpret small pressure changes and convert these to
altitude. The conversion from pressure to altitude still has to use the exponential equation for a proper conversion. But the
approximate distances and the ADC count equivalent are shown here. These are approximate across the pressure range but as
written in the demo code, the pressure is determined first, the altitude second. The altitude is calculated via the pressure value
inserted into the exponential altitude-pressure formula.
Experimental Altimetry Section
The preceding section on Altimetry has used the pressure sensor value to convert the pressure to an altitude reading. This
value of pressure is not linear with vertical height as detailed in the graph of Figure 6. However if a curved line is magnified
enough, the end result can be treated as a straight line. The “Experimental” section of the Altimeter/Barometer tries this particular
method. Due to changing air currents and unstable smaller resolution, it may require outdoor demonstration to get better results.
In this example the chart outlines the calibration routine.
• To calibrate the part, first place the board on the floor or table in front of you.
• Wait until the low pass filtered value is stable then press Enter. This saves the “0 level” barometric pressure.
• Following this, place the board about 3 feet above the “0 level”. Either this is at waist height if previously on the floor, or
above your head if previously on the table. When the value stabilizes, press Enter again.
Now the display will output the distance in smaller increments than 1 foot. Notice how it tends to jump around, and the “0 level”
shifts. This Experimental section shows how this method while being more accurate is not as stable as the exponential method
to see pressure. The resolution is reasonable for a short period of time before barometric changes in pressure change the
calibration.
Table 5.
ADC Type
Resolution (V/ADC)
Resolution (kPa/ADC)
24-bit
0.244 V
0.0000151 kPa
18-bit
15.6 V per 1 ADC count
0.000963 kPa per 1 ADC count
Table 6.
Distance
Pressure (mB)
Pressure (kPa)
Voltage Change (V)
ADC (counts)
0.5 m
0.05
0.005
0.81
5.19 so ~5
1 m
0.11
0.011
1.78
11.4 so ~11
3 ft
0.09
0.009
1.46
9.35 so ~9
1 ft
0.03
0.003
0.49
3.11 so ~3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com