Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPL115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
2
Figure 2. Simplified Block Diagram
Figure 2 is a simplified block diagram of the DEMOAPEXSENSOR. The sensors with analog outputs (Table 1) are sampled
via the JM60 microcontroller’s 12-bit ADC. The exception is the MPXM2102A absolute pressure sensor. This is used for altitude
so it requires a high resolution sampling. It passes through an instrumentation amplifier and then is interfaced via an external
24-bit ADC chipset before communication via SPI to the JM60 MCU. The JM60 interfaces with the LCD screen and processes
inputs by the user for the displayed output.
Several Algorithms are used to calculate functions on the DEMOAPEXSENSOR.
Information on implementing the MPL115A can be found in
AN3785, How to Implement the Freescale MPL115A Digital Barometer.
Implementing the MPL115A as a barometer and altimeter can be found in
AN3914, Modern Altimeter and Barometer System using the MPL115A.
More pressure sensor application notes can be found at: www.freescale.com/pressure.
MPXV5004
Integrated
Pressure
Sensor
MMA7360Q
3 Axis XYZ
Accelerometer
MPXM2102
Compensated
Pressure
Sensor
24-bit
ADC
Converter
Temp
Sensor
JM60
8-bit S08 MCU
12-bit AD C
60k Flash
USB
20x4 Character
LCD Display
12 bit
12 bit
Menu Buttons
MPL115A2
(I2C)
Instrumentation
Amplifier
Gain=98.8
12 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com