Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPL115A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
19
Inertial MMA7361L
The DEMOAPEXSENSOR has a quick implementation of the 3 axis selectable low-g accelerometer. Notably the demo board
implements the tilt function of the accelerometer and Free Fall detection. The Quick Start Guide shows the modes to select either
function.
TILT ANGLE ON THE DEMOAPEXSENSOR
The ADC counts are converted to tilt angles using the equation below:
Where:
Vout = Analog output of accelerometer
Voff = Offset voltage of accelerometer
V/g = Sensitivity
1.0g = Earth’s gravity
θ = Tilt Angle
Note: MMA7361 was set to a g-level of 1.5 g.
Offset voltage is typically 1.65 V @ 3.3 V biasing supply
FREE FALL DETECT ON THE DEMOAPEXSENSOR
Free Fall detect is the situation where all three axes of the inertial sensor converge towards the offset or ‘0g’ range. This is
also given as an output on the MMA7361L as the 0g-Detect pin. ‘1’ or logic high is the output for a detected Free Fall. Note that
this is also for Free Fall in a linear fashion such that the board is not spinning or in rotation as it falls. The DEMOAPEXSENSOR
emits a buzzer noise and a flashing red LED as the Free Fall detect occurs.
Vout
Voff
ΔV
Δg
-------- 1.0g Sin
θ
⋅⋅
⎝⎠
⎛⎞
+
=
(eq. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com