Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 356 page
background image
Chapter 1 Device Overview
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
21
Table 1-2 provides the functional version of the on-chip modules.
1.3
System Clock Distribution
Figure 1-2 shows a simplified clock connection diagram. Some modules in the MCU have selectable clock
inputs as shown. The clock inputs to the modules indicate the clock(s) that are used to drive the module
function.
The following are the clocks used in this MCU:
•
BUSCLK — The frequency of the bus is always half of MCGOUT.
•
LPO — Independent 1-kHz clock that can be selected as the source for the COP and RTC modules.
•
MCGOUT — Primary output of the MCG and is twice the bus frequency.
•
MCGLCLK — Development tools can select this clock source to speed up BDC communications
in systems where BUSCLK is configured to run at a very slow frequency.
•
MCGERCLK — External reference clock can be selected as the RTC clock source. It can also be
used as the alternate clock for the ADC.
•
MCGIRCLK — Internal reference clock can be selected as the RTC clock source.
•
MCGFFCLK — Fixed frequency clock can be selected as clock source for the TPM1 and TPM2.
•
TPM1CLK — External input clock source for TPM1.
•
TPM2CLK — External input clock source for TPM2.
Table 1-2. Module Versions
Module
Version
Central Processor Unit
(CPU)
3
Multi-Purpose Clock Generator
(MCG)
1
Analog Comparator
(ACMP)
3
Analog-to-Digital Converter
(ADC)
1
Inter-Integrated Circuit
(IIC)
2
Serial Peripheral Interface
(SPI)
3
Serial Communications Interface
(SCI)
4
Real-Time Counter
(RTC)
1
Timer Pulse Width Modulator
(TPM)
31
1 3M05C and older masks have TPM version 2.
Debug Module
(DBG)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com