Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 356 page
background image
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
19
Chapter 1
Device Overview
Controller Area Network MC9S08DN60 Series devices provide peripheral flexibility and offer a pin and
code compatibility with MC9S08DV60 and MC9S08DZ60 Series devices when the CAN module is
required.
1.1
Devices in the MC9S08DN60 Series
This data sheet covers members of the MC9S08DN60 Series of MCUs:
•
MC9S08DN60
•
MC9S08DN48
•
MC9S08DN32
•
MC9S08DN16
Table 1-1 summarizes the feature set available in the MC9S08DN60 Series.
Table 1-1. MC9S08DN60 Series Features by MCU and Pin Count
Feature
MC9S08DN60
MC9S08DN48
MC9S08DN32
MC9S08DN16
Flash size
(bytes)
62080
49152
33792
16896
RAM size (bytes)
2048
2048
1536
1024
EEPROM size
(bytes)
2048
1536
1024
512
Pin quantity
64
48
32
64
48
32
64
48
32
48
32
ACMP1
yes
ACMP2
yes
yes1
1 ACMP2O is not available.
no
yes
yes1
no
yes
yes1
no
yes1
no
ADC channels
16
16
10
16
16
10
16
16
10
16
10
DBG
yes
IIC
yes
IRQ
yes
MCG
yes
RTC
yes
SCI1
yes
SPI
yes
TPM1 channels
66466466464
TPM2 channels
2
XOSC
yes
COP Watchdog
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com