Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 356 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DN60 Series Data Sheet, Rev 3
76
Freescale Semiconductor
5.8.6
System Device Identification Register (SDIDH, SDIDL)
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific memory
blocks, registers, and control bits are located in a target MCU.
Figure 5-7. System Device Identification Register — High (SDIDH)
76543210
R
Reserved
ID11
ID10
ID9
ID8
W
Reset:
01
1 The revision number that is hard coded into these bits reflects the current silicon revision level.
0
1
0
1
0
1
0000
= Unimplemented or Reserved
Table 5-8. SDIDH Register Field Descriptions
Field
Description
3:0
ID[11:8]
Part Identification Number — MC9S08DN60 Series MCUs are hard-coded to the value 0x00E. See also ID bits
in Table 5-9.
76543210
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
00001110
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — Low (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Number — MC9S08DN60 Series MCUs are hard-coded to the value 0x00E. See also ID bits
in Table 5-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com