Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 356 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
71
5.8.1
Interrupt Pin Request Status and Control Register (IRQSC)
This direct page register includes status and control bits which are used to configure the IRQ function,
report status, and acknowledge IRQ events.
76543210
R0
IRQPDD
IRQEDG
IRQPE
IRQF
0
IRQIE
IRQMOD
W
IRQACK
Reset
00000000
= Unimplemented or Reserved
Figure 5-2. Interrupt Request Status and Control Register (IRQSC)
Table 5-2. IRQSC Register Field Descriptions
Field
Description
6
IRQPDD
Interrupt Request (IRQ) Pull Device Disable— This read/write control bit is used to disable the internal
pull-up/pull-down device when the IRQ pin is enabled (IRQPE = 1) allowing for an external device to be used.
0 IRQ pull device enabled if IRQPE = 1.
1 IRQ pull device disabled if IRQPE = 1.
5
IRQEDG
Interrupt Request (IRQ) Edge Select — This read/write control bit is used to select the polarity of edges or
levels on the IRQ pin that cause IRQF to be set. The IRQMOD control bit determines whether the IRQ pin is
sensitive to both edges and levels or only edges. When the IRQ pin is enabled as the IRQ input and is configured
to detect rising edges, it has a pull-down. When the IRQ pin is enabled as the IRQ input and is configured to
detect falling edges, it has a pull-up.
0 IRQ is falling edge or falling edge/low-level sensitive.
1 IRQ is rising edge or rising edge/high-level sensitive.
4
IRQPE
IRQ Pin Enable — This read/write control bit enables the IRQ pin function. When this bit is set the IRQ pin can
be used as an interrupt request.
0 IRQ pin function is disabled.
1 IRQ pin function is enabled.
3
IRQF
IRQ Flag — This read-only status bit indicates when an interrupt request event has occurred.
0 No IRQ request.
1 IRQ event detected.
2
IRQACK
IRQ Acknowledge — This write-only bit is used to acknowledge interrupt request events (write 1 to clear IRQF).
Writing 0 has no meaning or effect. Reads always return 0. If edge-and-level detection is selected (IRQMOD = 1),
IRQF cannot be cleared while the IRQ pin remains at its asserted level.
1
IRQIE
IRQ Interrupt Enable — This read/write control bit determines whether IRQ events generate an interrupt
request.
0 Interrupt request when IRQF set is disabled (use polling).
1 Interrupt requested whenever IRQF = 1.
0
IRQMOD
IRQ Detection Mode — This read/write control bit selects either edge-only detection or edge-and-level
detection. The IRQEDG control bit determines the polarity of edges and levels that are detected as interrupt
request events. See Section 5.5.2.2, “Edge and Level Sensitivity” for more details.
0 IRQ event on falling edges or rising edges only.
1 IRQ event on falling edges and low levels or on rising edges and high levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com