Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
85
6.5.1.3
Port A Pull Enable Register (PTAPE)
NOTE
Pull-down devices only apply when using pin interrupt functions, when
corresponding edge select and pin select functions are configured.
6.5.1.4
Port A Slew Rate Enable Register (PTASE)
Note: Slew rate reset default values may differ between engineering samples and final production parts. Always initialize slew
rate control to the desired value to ensure correct operation.
76543210
R
PTAPE7
PTAPE6
PTAPE5
PTAPE4
PTAPE3
PTAPE2
PTAPE1
PTAPE0
W
Reset:
00000000
Figure 6-5. Internal Pull Enable for Port A Register (PTAPE)
Table 6-3. PTAPE Register Field Descriptions
Field
Description
7:0
PTAPE[7:0]
Internal Pull Enable for Port A Bits — Each of these control bits determines if the internal pull-up or pull-down
device is enabled for the associated PTA pin. For port A pins that are configured as outputs, these bits have no
effect and the internal pull devices are disabled.
0 Internal pull-up/pull-down device disabled for port A bit n.
1 Internal pull-up/pull-down device enabled for port A bit n.
76543210
R
PTASE7
PTASE6
PTASE5
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
W
Reset:
00000000
Figure 6-6. Slew Rate Enable for Port A Register (PTASE)
Table 6-4. PTASE Register Field Descriptions
Field
Description
7:0
PTASE[7:0]
Output Slew Rate Enable for Port A Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port A bit n.
1 Output slew rate control enabled for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com