Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
95
6.5.4
Port D Registers
Port D is controlled by the registers listed below.
6.5.4.1
Port D Data Register (PTDD)
6.5.4.2
Port D Data Direction Register (PTDDD)
76543210
R
PTDD7
PTDD6
PTDD5
PTDD4
PTDD3
PTDD2
PTDD1
PTDD0
W
Reset:
00000000
Figure 6-24. Port D Data Register (PTDD)
Table 6-22. PTDD Register Field Descriptions
Field
Description
7:0
PTDD[7:0]
Port D Data Register Bits — For port D pins that are inputs, reads return the logic level on the pin. For port D
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port D pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTDD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pull-ups/pull-downs disabled.
76543210
R
PTDDD7
PTDDD6
PTDDD5
PTDDD4
PTDDD3
PTDDD2
PTDDD1
PTDDD0
W
Reset:
00000000
Figure 6-25. Port D Data Direction Register (PTDDD)
Table 6-23. PTDDD Register Field Descriptions
Field
Description
7:0
PTDDD[7:0]
Data Direction for Port D Bits — These read/write bits control the direction of port D pins and what is read for
PTDD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port D bit n and PTDD reads return the contents of PTDDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com