Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DN60F1CLF Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 356 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DN60 Series Data Sheet, Rev 3
72
Freescale Semiconductor
5.8.2
System Reset Status Register (SRS)
This high page register includes read-only status flags to indicate the source of the most recent reset. When
a debug host forces reset by writing 1 to BDFR in the SBDFR register, none of the status bits in SRS will
be set. Writing any value to this register address causes a COP reset when the COP is enabled except the
values 0x55 and 0xAA. Writing a 0x55-0xAA sequence to this address clears the COP watchdog timer
without affecting the contents of this register. The reset state of these bits depends on what caused the
MCU to reset.
Figure 5-3. System Reset Status (SRS)
76543210
R
POR
PIN
COP
ILOP
ILAD
LOC
LVD
0
W
Writing 0x55, 0xAA to SRS address clears COP watchdog timer.
POR:
10000010
LVD:
u0000010
Any other
reset:
0
Note(1)
1 Any of these reset sources that are active at the time of reset entry will cause the corresponding bit(s) to be set; bits
corresponding to sources that are not active at the time of reset entry will be cleared.
Note(1)
Note(1)
Note(1)
000
Table 5-3. SRS Register Field Descriptions
Field
Description
7
POR
Power-On Reset — Reset was caused by the power-on detection logic. Because the internal supply voltage was
ramping up at the time, the low-voltage reset (LVD) status bit is also set to indicate that the reset occurred while
the internal supply was below the LVD threshold.
0 Reset not caused by POR.
1 POR caused reset.
6
PIN
External Reset Pin — Reset was caused by an active-low level on the external reset pin.
0 Reset not caused by external reset pin.
1 Reset came from external reset pin.
5
COP
Computer Operating Properly (COP) Watchdog — Reset was caused by the COP watchdog timer timing out.
This reset source can be blocked by COPE = 0.
0 Reset not caused by COP timeout.
1 Reset caused by COP timeout.
4
ILOP
Illegal Opcode — Reset was caused by an attempt to execute an unimplemented or illegal opcode. The STOP
instruction is considered illegal if stop is disabled by STOPE = 0 in the SOPT register. The BGND instruction is
considered illegal if active background mode is disabled by ENBDM = 0 in the BDCSC register.
0 Reset not caused by an illegal opcode.
1 Reset caused by an illegal opcode.
3
ILAD
Illegal Address — Reset was caused by an attempt to access either data or an instruction at an unimplemented
memory address.
0 Reset not caused by an illegal address.
1 Reset caused by an illegal address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com