Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
25
3.12
USB Electricals
The USB electricals for the S08USBV1 module conform to the standards documented by the Universal
Serial Bus Implementers Forum. For the most up-to-date standards, visit http://www.usb.org.
If the Freescale S08USBV1 implementation requires additional or deviant electrical characteristics, this
space would be used to communicate that information.
Table 12. Flash Characteristics
Num
C
Characteristic
Symbol
Min
Typical1
1 Typical values are based on characterization data at V
DD = 5.0 V, 25 °C unless otherwise stated.
Max
Unit
1
D
Supply voltage for program/erase
Vprog/erase
2.7
—
5.5
V
2
D
Supply voltage for read operation
VRead
2.7
—
5.5
V
3
D
Internal FCLK frequency2
2 The frequency of this clock is controlled by a software setting.
fFCLK
150
—
200
kHz
4
D
Internal FCLK period (1/FCLK)
tFcyc
5
—
6.67
μs
5
P
Byte program time (random location)2
tprog
9
tFcyc
6
P
Byte program time (burst mode)2
tBurst
4
tFcyc
7
P
Page erase time3
3 These values are hardware state machine controlled. User code does not need to count cycles. This information
supplied for calculating approximate time to program and erase.
tPage
4000
tFcyc
8
P
Mass erase time2
tMass
20,000
tFcyc
9
C
Program/erase endurance4
TL to TH = –40°C to 85 °C
T = 25
°C
4 Typical endurance for flash was evaluated for this product family on the 9S12Dx64. For additional information on
how Freescale Semiconductor defines typical endurance, please refer to Engineering Bulletin EB619/D, Typical
Endurance for Nonvolatile Memory.
—
10,000
—
—
100,000
—
—
cycles
10
C
Data retention5
5 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and
de-rated to 25
°C using the Arrhenius equation. For additional information on how Freescale Semiconductor defines
typical data retention, please refer to Engineering Bulletin EB618/D, Typical Data Retention for Nonvolatile Memory.
tD_ret
15
100
—
years
Table 13. Internal USB 3.3 V Voltage Regulator Characteristics
Symbol
Min
Typical
Max
Unit
Regulator operating voltage
Vregin
3.9
—
5.5
V
Vreg output
Vregout
33.3
3.6
V
Vreg filter capacitor
Cusbreg
—
100
—
pF
Vusb33 input with internal Vreg disabled
Vusb33in
33.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com