Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08JS16CFK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MCU Block Diagram
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of the MC9S08JS16 series MCU.
Figure 1. MC9S08JS16 Series Block Diagram
VSS
VDD
8-BIT KEYBOARD
INTERRUPT MODULE (KBI)
USER FLASH (IN BYTES)
USER RAM (IN BYTES)
ON-CHIP ICE AND
DEBUG MODULE (DBG)
HCS08 CORE
CPU
NOTES:
1. Port pins are software configurable with pullup device if input port.
2. Pin contains software configurable pullup/pulldown device if IRQ is enabled (IRQPE = 1). Pulldown is enabled if
rising edge detect is selected (IRQEDG = 1).
3. IRQ does not have a clamp diode to VDD. IRQ must not be driven above VDD.
4. RESET contains integrated pullup device if PTB1 enabled as reset pin function (RSTPE = 1).
5. Pin contains integrated pullup device.
6. When pin functions as KBI (KBIPEn = 1) and associated pin is configured to enable the pullup device, KBEDGn can
be used to reconfigure the pullup as a pulldown device.
PTA2/KBIP2/MOSI
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
COP
IRQ
LVD
LOW-POWER OSCILLATOR
MULTI-PURPOSE CLOCK
GENERATOR (MCG)
RESET
2-CHANNEL TIMER/PWM
MODULE (TPM)
PTA3/KBIP3/SPSCK
BKGD/MS
IRQ
KBIPx
TCLK
TPMCH0
TPMCH1
EXTAL
XTAL
USB
USB ENDPOINT
MODULE
RAM
FULL SPEED
USB
TRANSCEIVER
USBDP
USBDN
PTA6/KBIP6/RxD
PTA7/KBIP7/TxD
REAL-TIME COUNTER
(RTC)
PTA4/KBIP4/SS
PTA5/KBIP5/TPMCH1
8
SYSTEM
USB 3.3 V VOLTAGE REGULATOR
VUSB33
512
MC9S08JS16 = 16,384
VSSOSC
PTA0/KBIP0/TPMCH0
PTA1/KBIP1/MISO
PTB3/BLMS
PTB2/BKGD/MS
PTB0/IRQ/TCLK
PTB1/RESET
PTB5/EXTAL
PTB4/XTAL
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
SPSCK
SS
MISO
MOSI
8-/16-BIT
8-BIT MODULO TIMER
MODULE (MTIM)
INTERFACE MODULE (SCI)
SERIAL COMMUNICATIONS
RxD
TxD
BDC
Bootloader ROM (IN BYTES)
4096
16-BIT Cyclic Redundancy
MODULE (CRC)
Check Generator
MC9S08JS8 = 8,192
MC9S08JS16L = 16,384
MC9S08JS8L = 8,192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com