Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
18
3.8
MCG Specifications
Table 9. MCG Frequency Specifications (Temperature Range = –40 to 85
°C Ambient)
Num C
Rating
Symbol
Min
Typical
Max
Unit
1
C Average internal reference frequency — untrimmed
fint_ut
25
32.7
41.66
kHz
2
P Average internal reference frequency — trimmed
fint_t
31.25
—
39.0625
kHz
3
T Internal reference startup time
tirefst
—60
100
μs
4
C DCO output frequency range — untrimmed
fdco_ut
25.6
33.48
42.66
MHz
5
P DCO output frequency range — trimmed
fdco_t
32
—
40
MHz
6C
Resolution of trimmed DCO output frequency at
fixed voltage and temperature (using FTRIM)
Δf
dco_res_t
—
±0.1
±0.2
%fdco
7C
Resolution of trimmed DCO output frequency at
fixed voltage and temperature (not using FTRIM)
Δf
dco_res_t
—
±0.2
±0.4
%fdco
8P
Total deviation of trimmed DCO output frequency
over voltage and temperature
Δf
dco_t
—
0.5
–1.0
±2
%fdco
9C
Total deviation of trimmed DCO output frequency
over fixed voltage and temperature range of
0–70
°C
Δf
dco_t
—
±0.5
±1
%fdco
10
C FLL acquisition time1
1 This specification applies any time the FLL reference source or reference divider is changed, trim value changed or changing
from FLL disabled (BLPE, BLPI) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as the reference,
this specification assumes it is already running.
tfll_acquire
——
1
ms
11
D PLL acquisition time2
2 This specification applies to any time the PLL VCO divider or reference divider is changed, or changing from PLL disabled
(BLPE, BLPI) to PLL enabled (PBE, PEE). If a crystal/resonator is being used as the reference, this specification assumes it
is already running.
tpll_acquire
——
1
ms
12
C
Long term Jitter of DCO output clock (averaged over
2ms interval)3
CJitter
—0.02
0.2
%fdco
13
D VCO operating frequency
fvco
7.0
—
55.0
MHz
14
D PLL reference frequency range
fpll_ref
1.0
—
2.0
MHz
15
T
Long term accuracy of PLL output clock (averaged
over 2 ms)
fpll_jitter_2ms
—
0.5904
—%
16
T Jitter of PLL output clock measured over 625 ns5
fpll_jitter_625ns
—
0.5664
—%
17
D Lock entry frequency tolerance6
Dlock
±1.49
—
±2.98
%
18
D Lock exit frequency tolerance7
Dunl
±4.47
—
±5.97
%
19
D Lock time — FLL
tfll_lock
——
tfll_acquire+
1075(1/fint_t)
s
20
D Lock time — PLL
tpll_lock
——
tpll_acquire+
1075(1/fpll_ref)
s
21
D
Loss of external clock minimum frequency —
RANGE = 0
floc_low
(3/5) x fint
—
—
kHz
22
D
Loss of external clock minimum frequency —
RANGE = 1
floc_high
(16/5) x fint
—
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com