Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Ordering Information
Freescale Semiconductor
26
4
Ordering Information
This section contains ordering information for Device Numbering System. See below for an example of
the device numbering system.
4.1
Package Information
4.2
Mechanical Drawings
This following pages contain mechanical specifications for MC9S08JS16 series package options.
•
24-pin QFN (quad flat no-lead)
•
20-pin W-SOIC (wide body small outline integrated circuit)
Table 14. External 3.3 V Voltage Regulator Supply for Vusb33 Pin
Symbol
Min
Typical
Max
Unit
External 3.3 V regulator output current
—
39
—
—
mA
Table 15. Package Descriptions
Pin Count
Package Type
Abbreviation
Designator
Case No.
Document No.
24
Quad Flat No-Leads
QFN
FK
1982-01
98ARL10608D
20
Wide Body Small Outline
Integrated Circuit
W-SOIC
WJ
751D
98ASB42343B
MC
Temperature range
Family
Memory
Status
Core
(C = –40
°C to 85 °C)
(9 = Flash-based)
9 S08 JS
XX
(MC = Fully qualified)
Package designator (See Table 15)
16
Approximate memory size (in KB)
C
(L)
USB bootloader
supported at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com