Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
15
3.6
Supply Current Characteristics
Table 7. Supply Current Characteristics
Num
C
Parameter
Symbol
VDD (V)
Typical1
1 Typicals are measured at 25
°C. See Figure 12 through Figure 10 for typical curves across voltage/temperature.
Max2
2 Values given here are preliminary estimates prior to completing characterization.
Unit
1C
Run supply current3 measured at (CPU clock
= 2 MHz, fBus = 1 MHz, BLPE mode)
RIDD
51.03
—
mA
30.83
—
2P
Run supply current3 measured at
(CPU
clock = 48 MHz, fBus = 24 MHz, PEE mode, all
module on)
RIDD
5
19.93
—
mA
3
18.74
—
3P
Stop2 mode supply current
S2I
DD
51.36
—
μA
31.18
—
μA
4
P
Stop3 mode supply current, all module off
S3I
DD
51.50
—
μA
31.31
—
μA
5
P
RTC adder to stop2 or stop33, 25
°C
3 Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher current wait
mode. Wait mode typical is 560
μA at 5 V and 422 μA at 3 V with f
Bus = 1 MHz.
ΔI
SRTC
5300
—
nA
3300
—
nA
6
P
LVD adder to stop3 (LVDE = LVDSE = 1)
ΔI
SLVD
5
106.7
—
μA
395.6
—
μA
7P
Adder to stop3 for oscillator enabled4
(ERCLKEN =1 and EREFSTEN = 1)
4 Values given under the following conditions: low range operation (RANGE = 0), low power mode (HGO = 0).
ΔI
SOSC
55.6
—
μA
35.3
—
μA
8
T
USB module enable current5
5 Here USB module is enabled and clocked at 48 MHz (USBEN = 1, USBVREN =1, USBPHYEN = 1 and USBPU = 1), and
D+ and D– pulled down by two 15.1 k
Ω resisters independently. The current consumption may be much higher when the
packets are being transmitted through the attached cable.
ΔI
USBE
51.5
—
mA
9
T
USB suspend current6
6 MCU enters stop3 mode, USB bus in idle state. The USB suspend current will be dominated by the D+ pullup resister.
I
SUSP
5
273.3
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com