Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
17
3.7
External Oscillator (XOSC) Characteristics
Table 8. Oscillator Electrical Specifications (Temperature Range = –40 to 85
°C Ambient)
Num
C
Rating
Symbol
Min
Typ1
1 Typical data was characterized at 3.0 V, 25
°C or is recommended value.
Max
Unit
1C
Oscillator crystal or resonator (EREFS = 1, ERCLKEN = 1)
Low range (RANGE = 0)
High range (RANGE = 1) FEE or FBE mode2
High range (RANGE = 1) PEE or PBE mode3
High range (RANGE = 1, HGO = 1) BLPE mode
High range (RANGE = 1, HGO = 0) BLPE mode
2 When MCG is configured for FEE or FBE mode, input clock source must be divided using RDIV to within the range of 31.25 kHz
to 39.0625 kHz.
3 When MCG is configured for PEE or PBE mode, input clock source must be divided using RDIV to within the range of 1 MHz to
2 MHz.
flo
fhi-fll
fhi-pll
fhi-hgo
fhi-lp
32
1
1
1
1
—
—
—
—
—
38.4
5
16
16
8
kHz
MHz
MHz
MHz
MHz
2
— Load capacitors
C1, C2
See crystal or resonator
manufacturer’s recommendation.
3—
Feedback resistor
Low range (32 kHz to 38.4 kHz)
High range (1 MHz to 16 MHz)
RF
—
—
10
1
—
—
M
Ω
4—
Series resistor
Low range, low gain (RANGE = 0, HGO = 0)
Low range, high gain (RANGE = 0, HGO = 1)
High range, low gain (RANGE = 1, HGO = 0)
High range, high gain (RANGE = 1, HGO = 1)
≥ 8 MHz
4 MHz
1 MHz
RS
—
—
—
—
—
—
0
100
0
0
0
0
—
—
—
0
10
20
k
Ω
5T
Crystal start-up time4
Low range, low gain (RANGE = 0, HGO = 0)
Low range, high gain (RANGE = 0, HGO = 1)
High range, low gain (RANGE = 1, HGO = 0)5
High range, high gain (RANGE = 1, HGO = 1)5
4 This parameter is characterized and not tested on each device. Proper PC board layout procedures must be followed to achieve
specifications.
5 4 MHz crystal.
t
CSTL-LP
t
CSTL-HGO
t
CSTH-LP
t
CSTH-HGO
—
—
—
—
200
400
5
15
—
—
—
—
ms
6T
Square wave input clock frequency (EREFS = 0, ERCLKEN = 1)
FEE or FBE mode2
PEE or PBE mode3
BLPE mode
fextal
0.03125
1
0
—
—
—
5
16
40
MHz
MCU
EXTAL
XTAL
Crystal or Resonator
RS
C2
RF
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com