Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08JS16CFK Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC9S08JS16CFK
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS16CFK Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS16CFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08JS16CFK Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
12
Figure 6. Typical IOH (Low Drive) vs VDD–VOH at VDD = 5 V
Figure 7. Typical IOH (High Drive) vs VDD–VOH at VDD = 5 V
IOH vs VDD-VOH (Low Drive) at VDD = 5 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0 -0.2 -0.4 -0.6 -0.8 -1 -1.2 -1.4 -1.6 -1.8 -2 -2.2 -2.4 -2.6 -2.8 -3
IOH(mA)
-40C
25C
85C
IOH vs VDD-VOH (High Drive) at VDD = 5 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
-1
-2-3
-4-5
-6-7
-8
-9 -10 -11 -12 -13 -14 -15
IOH (mA)
-40C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com