Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 17Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 18Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 19Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 20Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 21Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 22Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 23Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 24Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
21 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Fig 15. MUX 1:18 LCD waveforms; Character mode
mge996
state 1 (ON)
state 2 (OFF)
frame n
+ 1
frame n
12 3
18 1 2 3
18
ROW 1
ROW 9
VLCD
V2
V3/V4
V5
VSS
VLCD
V2
V3/V4
V5
VSS
VLCD
V2
V3/V4
V5
VSS
VLCD
V2
V3/V4
V5
VSS
VLCD
V2
V3/V4
V5
VSS
ROW 2
COL 1
COL 2
0 V
state 1
Voper
0.5Voper
0.25Voper
−0.25Voper
−0.5Voper
−Voper
0 V
Voper
0.5Voper
0.25Voper
−0.25Voper
−0.5Voper
−Voper
state 2
R1
R2
R3
R4
R5
R6
R7
R8
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com