Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 47Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 48Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 49Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
51 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
25
cursor/display shift
shifts only the cursor to the right
0
0
0
0
0
1
0
1
0
0
MICROCO
26
‘write data’ to CGRAM/DDRAM
writes ‘M’
1
0
0
1
0
0
1
1
0
1
ICROCOM
27
return home
returns both display and cursor to
the original position (address 0)
0000000010
PHILIPS M
Table 22.
8-bit operation, 1-line display example; using internal reset (character set ‘A’) …continued
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Table 23.
8-bit operation, 1-line display and icon example; using internal reset (character set ‘A’)
Step
Instruction
Display
Operation
RS
R/W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power supply on (PCF2113x is initialized by the internal reset)
initialized; no display appears
2
function set
sets to 8-bit operation, selects 1-line
display and VLCD = VA
0
0
00110000
3
display control
turns on display and cursor; entire
display is blank after initialization
0
0
00001110
4
entry mode set
sets mode to increment the address
by 1 and to shift the cursor to the
right at the time of the write to the
DDRAM/CGRAM; display is not
shifted
0
0
00000110
5
set CGRAM address
sets the CGRAM address to
position of character ‘0’; the
CGRAM is selected
0
0
01000000
6
‘write data’ to CGRAM/DDRAM
writes data to CGRAM for icon even
phase; icon appears
1
0
00001010
7:
:
8
sets CGRAM address
sets the CGRAM address to
position of character ‘0’; the
CGRAM is selected
0
0
01110000
9
‘write data’ to CGRAM/DDRAM
writes data to CGRAM for icon odd
phase
1
0
00001010
10
:
:
11
function set
sets H = 1: Extended instruction set
0
0
00110001
12
icon control
icons blink
0
0
00001010
13
function set
sets H = 0
0
0
00110000
14
set DDRAM address
sets the DDRAM to the first position;
DDRAM is selected
0
0
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com