Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 55Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 56Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 57Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 58Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
55 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
X = not relevant.
[2]
SDA is left at high-impedance by the microcontroller during the read acknowledge.
23
‘read data’: 8
× SCL + master acknowledge [2]
8
× SCL; content loaded into interface
during previous acknowledge cycle is
shifted out over SDA; MSB is DB7;
during master acknowledge content
of DDRAM address 01 is loaded into
the I2C-bus interface
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PHILIPS
XXXXXXXX0
24
‘read data’: 8
× SCL + master acknowledge [2]
8
× SCL; code of letter ‘H’ is read first;
during master acknowledge, code of
‘I’ is loaded into the I2C-bus interface
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PHILIPS
010010000
25
‘read data’: 8
× SCL + master acknowledge [2]
no master acknowledge;
-after the content of the I2C-bus
interface register is shifted out no
internal action is performed;
-no new data is loaded into the
interface register;
-data register is not updated;
-address counter is not incremented
and cursor is not shifted
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
PHILIPS
010010011
26
I2C-bus stop
PHILIPS
Table 25.
Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS) [1] …continued
Step
I2C-bus byte
Display
Operation
Table 26.
Initialization by instruction, 8-bit interface [1]
Step
Instruction
Description
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
internal reset
:
starting from power-on or unknown state
:
2
wait 2 ms
:
:
3
000011
XXXX
function set (interface is 8 bit long). Busy Flag (BF)
cannot be checked before this instruction
4
wait 2 ms
:
:
5
000011
XXXX
function set (interface is 8 bit long). BF cannot be
checked before this instruction
6
wait more than 40
µs:
:
7
000011
XXXX
function set (interface is 8 bit long). BF cannot be
checked before this instruction
8
:
BF can be checked after the following instructions;
when BF is not checked the waiting time between
instructions is the specified instruction time (see
Table 10)
:
:
9
0000110M
0H
function set (interface is 8 bit long); specify the
number of display lines
10
0000001000
display off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com