Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 31Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 32Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 33Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 34Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 35Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 36Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 37Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 38Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
35 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
10.9 Temperature control
Default is bit TC1 = 0 and bit TC2 = 0. Selects the default temperature coefficient for the
internally generated VLCD (see Table 15).
10.10 Set VLCD
The VLCD value is programmed by instruction. Two on-chip registers, VA and VB hold VLCD
values for the Character mode and the Icon mode respectively. The generated VLCD is
independent of VDD, allowing battery operation of the chip.
10.10.1 VLCD programming
1. Send ‘function set’ instruction with H = 1
2. Send ‘set VLCD’ instruction to write to voltage register:
a. If DB[7:6] = 10, then DB[5:0] represents VLCD of Character mode (VA)
b. If DB[7:6] = 11, then DB[5:0] represents VLCD of Icon mode (VB)
c. DB[5:0] = 00 0000 switches VLCD generator off (when selected)
d. During ‘display off’ and power-down the VLCD generator is also disabled
3. Send ‘function set’ instruction with H = 0 to resume normal programming
Section 8.1 shows the relation between VLCD and registers VA and VB.
10.11 Reducing current consumption
Reducing current consumption can be achieved by one of the options given in Table 16.
When VLCD lies outside the VDD range and must be generated, it is usually more efficient
to use the on-chip generator than an external regulator.
Table 15.
TC1 and TC2 selection of VLCD temperature coefficient
Bit TC1
Bit TC2
VLCD temperature coefficient TC (typical values)
0
0
TC =
−0.16 %/K
1
0
TC =
−0.18 %/K
0
1
TC =
−0.21 %/K
1
1
TC =
−0.24 %/K
Table 16.
Reducing current consumption
Original mode
Alternative mode
Character mode
Icon mode (control bit M)
Display on
display off (control bit D)
VLCD generator operating
Direct mode
Any mode
Power-down mode (PD pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com