Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 7Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 8Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 9Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 10Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 11Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 12Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 13Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 14Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
11 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
The values in the table are given relative to VLCD − VSS, e.g. 3⁄4 means {3⁄4 × (VLCD − VSS)} + VSS.
8.3 Oscillator
The on-chip oscillator provides the clock signal for the display system. No external
components are required and the OSC pin must be connected to VDD1.
8.4 External clock
If an external clock is to be used, this input is at the OSC pin. The resulting display frame
frequency is given by:
Only in the Power-down mode is the clock allowed to be stopped (pin OSC connected to
VSS), otherwise the LCD is frozen in a DC state.
8.5 Power-on reset
The on-chip power-on reset block initializes the chip after power-on or power failure. This
is a synchronous reset and requires 3 oscillator cycles to be executed.
8.6 Registers
The PCF2113x has two 8-bit registers: an Instruction Register (IR) and a Data
Register (DR). The Register Select (RS) signal determines which register will be
accessed. The instruction register stores instruction codes such as ‘display clear’, ‘cursor
shift’, and address information for the Display Data RAM (DDRAM) and Character
Generator RAM (CGRAM). The instruction register can be written to but not read from by
the system controller.
The data register temporarily stores data to be read from the DDRAM and CGRAM. When
reading, data from the DDRAM or CGRAM corresponding to the address in the instruction
register is written to the data register prior to being read by the ‘read data’ instruction.
8.7 Busy flag
The busy flag indicates the internal status of the PCF2113x. A logic 1 indicates that the
chip is busy and further instructions will not be accepted. The busy flag is output to
pin DB7 when bit RS = 0 and bit R/W = 1. Instructions must only be written after checking
that the busy flag is at logic 0 or waiting for the required number of cycles.
Table 6.
Bias levels as a function of multiplex rate
Multiplex
rate
Number
of levels
Bias voltages[1]
V1
V2
V3
V4
V5
V6
1:18
5
VLCD
3
⁄
4
1
⁄
2
1
⁄
2
1
⁄
4
VSS
1:9
5
VLCD
3
⁄
4
1
⁄
2
1
⁄
2
1
⁄
4
VSS
1:2
4
VLCD
2
⁄
3
2
⁄
3
1
⁄
3
1
⁄
3
VSS
f
fr LCD
()
f
osc
3072
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com