Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 29Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 30Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 31Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 32Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 33Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 34Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 35Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 36Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
33 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Icon states for the even phase are stored in CGRAM characters 0 to 2
(3
× 8 × 5 = 120 bits for 120 icons). These bits also define icon state when icon blink is not
used (see Table 13).
Icon states for the odd phase are stored in CGRAM characters 4 to 6 (another 120 bits for
the 120 icons). When icon blink is disabled CGRAM characters 4 to 6 may be used as
normal CGRAM characters.
10.5 Direct mode
When DM = 0, the chip is not in the Direct mode. Either the internal VLCD generator or an
external voltage may be used to achieve VLCD.
When DM = 1, the chip is in Direct mode. The internal VLCD generator is turned off and the
output VLCDOUT is directly connected VDD2 (i.e. the VLCD generator supply voltage).
The Direct mode can be used to reduce the current consumption when the required
output voltage VLCDOUT is close to the VDD2 supply voltage. This can be the case in Icon
mode or in MUX 1:9 (depending on LCD liquid properties).
10.6 Voltage multiplier control
10.6.1 Bits S1 and S0
A software configurable voltage multiplier is incorporated in the VLCD generator and can
be set via the ‘Set HVgen stages’ command.
The voltage multiplier control can be used to reduce current consumption by
disconnecting internal voltage multiplier stages, depending on the required output voltage
VLCD (see Table 14).
10.7 Screen configuration
10.7.1 Bit L
L = 0: the two halves of a split screen are connected in a standard way i.e. column 1/61,
2/62 to 60/120; default.
L = 1: the two halves of a split screen are connected in a mirrored way i.e. column 1/120,
2/119 to 60/61. This allows single layer PCB or glass layout.
Table 13.
Blink effect for icons and cursor character blink
Parameter
Even phase
Odd phase
Cursor character blink
block (all on)
normal (display character)
Icons
state 1; CGRAM character 0 to 2
state 2; CGRAM character 4 to 6
Table 14.
S1 and S0 control of voltage multiplier
S1
S0
Description
0
0
set VLCD generator stages to 1 (2 × voltage multiplier)
0
1
set VLCD generator stages to 2 (3 × voltage multiplier)
1
0
set VLCD generator stages to 3 (4 × voltage multiplier)
1
1
do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com