Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113AU/10/F4 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF2113AU/10/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113AU/10/F4 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF2113AU/10/F4 Datasheet HTML 49Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 55Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 56Page - NXP Semiconductors PCF2113AU/10/F4 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
53 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
16.6 I2C-bus operation, 1-line display
A control byte is required with most commands (see Table 25).
13
‘write data’ to CGRAM/DDRAM
writes ‘M’
1
0
01001101
PHILIPS
M
14 to 18
:
writes ‘ICROC’
:
19
‘write data’ to CGRAM/DDRAM
writes ‘O’
1
0
01001111
PHILIPS
MICROCO
20
entry mode set
sets mode for display shift at the
time of write
0
0
00000111
PHILIPS
MICROCO
21
‘write data’ to CGRAM/DDRAM
writes ‘M’; display is shifted to the
left; the 1st and 2nd lines shift
together
1
0
01001101
HILIPS
ICROCOM
22
return home
returns both the display and
cursor to the original position
(address 0)
0
0
00000010
PHILIPS
MICROCOM
Table 24.
8-bit operation, 2-line display example; using internal reset …continued
Step
Instruction
Display
Operation
RS
R/W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Table 25.
Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS) [1]
Step
I2C-bus byte
Display
Operation
1I2C-bus start
initialized; no display appears
2
slave address for write
during the acknowledge cycle SDA is
pulled down by the PCF2113x
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/WAck
011101000
3
send a control byte for ‘function set’
control byte sets RS for the following
data bytes
Co
RS
0
0
0
0
0
0
Ack
000000001
4
function set
selects 1-line display and VLCD = VA;
SCL pulse during acknowledge cycle
starts execution of instruction
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
001X
00001
5
display control
turns on display and cursor; entire
display shows character 20h (blank in
ASCII-like character sets)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
000011101
6
entry mode set
sets mode to increment the address
by 1 and to shift the cursor to the right
at the time of write to the DDRAM or
CGRAM; display is not shifted
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
000001101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com