Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LNK454VG Datasheet HTML 1Page - Power Integrations, Inc. LNK454VG Datasheet HTML 2Page - Power Integrations, Inc. LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. A 06/10
3
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Functional Description
The LinkSwitch-PL combines a high-voltage power MOSFET
switch with a power supply controller in one device. The IC
provides a single stage power factor correction plus LED
current control. The LinkSwitch-PL controller consists of an
oscillator, feedback (sense and logic) circuit, 5.85 V regulator,
hysteretic over-temperature protection, frequency jittering,
cycle-by-cycle current limit, loop compensation circuitry, auto-
restart, switching on-time extension, power factor and constant
current control.
In a direct LED current sensing configuration, the average
FEEDBACK pin voltage is a replica of the LED current, scaled
by the sense resistor (R
SENSE in Figure 4). A small low-pass filter
(R
F and CF in Figure 4) reduces high frequency noise at the
FEEDBACK pin.
Figure 5 illustrates the operating regions of the FEEDBACK pin
voltage. The LinkSwitch-PL sets its operating point such that
the average FEEDBACK pin voltage in steady-state operation is
290 mV. This threshold is low to minimize the sensing resistor
dissipation. The internal MOSFET switching frequency and
on-time are updated once every input AC half-cycle to regulate
the output current and maintain high power factor.
If the FEEDBACK pin peak voltage exceeds 520 mV, cycle
skipping mode is triggered and the power processed by the
integrated MOSFET is clamped on a cycle-by-cycle basis.
Switching frequency may vary during an input voltage half-cycle
to reduce thermal stress on the output LEDs.
Figure 4.
Typical Application Schematic.
Figure 5.
FEEDBACK Pin Operation Voltage Thresholds.
Latching shutdown protection is triggered by a FEEDBACK pin
voltage in excess of 2 V. This feature can be used to provide
output overvoltage protection (via DZ
OV and ROV, in Figure 4),
which triggers the IC to latch off. This condition is reset when
the BYPASS pin voltage drops below 4.9 V, after removal of the
AC input.
PI-5838-041910
Latch Off
2 V
520 mV
Cycle Skipping
Mode
Normal Operation
290 mV
D
S
BP
CONTROL
FB
PI-5837-060710
LinkSwitch-PL
AC
IN
CF
RSENSE
RF
ROV
DZOV
RES
DES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com