Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LNK454VG Datasheet HTML 1Page - Power Integrations, Inc. LNK454VG Datasheet HTML 2Page - Power Integrations, Inc. LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LNK454/456-458/460
LinkSwitch-PL Family
www.powerint.com
June 2010
LED Driver IC with TRIAC Dimming, Single-Stage PFC and
Constant Current Control for Non-Isolated Applications
®
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Output Power Table
Product2
85-265 VAC
Minimum Output
Power1
Maximum Output
Power1
LNK454D
1.5 W
3 W
LNK456D
3 W
6 W
LNK457D/V
4 W
8 W
LNK458V
6 W
11.5 W
LNK460V
8 W
16 W
Table 1. Output Power Table.
Notes:
1. Maximum practical continuous power in an open frame design with adequate
heat sinking, measured at +50 °C ambient (see Key Applications Considerations
for more information).
2. Packages: D: SO-8C, V: eDIP-12.
Output Current
Number of
Serial LEDs
350 mA
500 mA
700 mA
1000 mA
1
LNK454
LNK454
LNK454
LNK456
2
LNK454
LNK456
LNK456
LNK457
3
LNK456
LNK456
LNK457
LNK458
4
LNK456
LNK457
LNK458
LNK460
5
LNK457
LNK458
LNK460
6
LNK457
LNK458
LNK460
7
LNK458
LNK460
8
LNK458
LNK460
9
LNK458
LNK460
10
LNK460
11
LNK460
12
LNK460
Product Highlights
Dramatically Simplifies Off-line LED Drivers
•
Single stage power factor correction and accurate constant
current (CC) output
•
Flicker-free phase-controlled TRIAC dimming
•
Very low component count with small non-electrolytic bulk
capacitor, for compact replacement lamp designs
•
Compact SO8 package
•
Completely eliminates control loop compensation
Advanced Performance Features
•
Optimized for non-isolated flyback designs
•
Frequency jitter greatly reduces EMI filter size and costs
•
Low dissipation direct sensing of LED current
Advanced Protection and Safety Features
•
725 V integrated MOSFET allows small bulk capacitance and
maximizes power capability
•
Latching shutdown protection for short-circuit / open feedback
and output overvoltage
•
Auto-restart for overload condition
•
Hysteretic thermal shutdown
•
Meets high-voltage creepage between DRAIN and all other pins
both on PCB and at package
EcoSmart® - Energy Efficient
•
High power factor optimizes system lumen per watt by
reducing input VA
•
Control algorithm balances switching and conduction losses
over line and load to maintain optimum efficiency
•
Cycle skipping regulation for abnormally low output power to
clamp peak output current delivered
Description
The LinkSwitch-PL family enables a very small and low cost
single-stage power factor corrected constant current driver for
solid state lighting. Optimized for direct LED current sensing, the
LinkSwitch-PL operates over a wide input voltage range
delivering an output power of up to 16 W. The LinkSwitch-PL
control algorithm provides flicker-free TRIAC dimming with minimal
external components.
Each device incorporates a 725 V rated power MOSFET, a novel
discontinuous mode variable frequency variable on-time controller,
frequency jitter, cycle by cycle current limit and hysteretic thermal
shutdown in a monolithic 4-pin IC, available in SO-8C and
eDIP-12 packages.
Figure 1.
Basic Application Schematic.
Figure 2.
Device Selection based on Length of Output LED Series String and
Current. A Typical Voltage Drop of 3.5 V per LED is Assumed.
D
S
BP
CONTROL
FB
PI-5835-060710
LinkSwitch-PL
AC
IN


Similar Part No. - LNK454VG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK454D POWERINT-LNK454D Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
LNK454DG-TL POWERINT-LNK454DG-TL Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
More results

Similar Description - LNK454VG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
SHENZHEN FUMAN ELECTRON...
FM7605 FUMAN-FM7605 Datasheet
609Kb / 9P
Non-isolated step-down four-stage dimming LED constant current driver IC
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com