Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. LNK454VG Datasheet HTML 10Page - Power Integrations, Inc. LNK454VG Datasheet HTML 11Page - Power Integrations, Inc. LNK454VG Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev. A 06/10
9
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Typical Performance Characteristics
0
100
200
300
400
500
600
0
10
100
1000
DRAIN Voltage (V)
LNK454
0.3
LNK456
0.6
LNK457
1.0
LNK458
1.55
LNK460
3.1
Scaling Factors:
110
100
90
80
40
30
20
10
70
60
50
0
0
200
100
400 500 600
300
700
DRAIN Voltage (V)
LNK454
0.3
LNK456
0.6
LNK457
1.0
LNK458
1.55
LNK460
3.1
Scaling Factors:
1.2
0
0
2
4
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
0.6
0.4
0.2
LNK457 T
CASE = 25 °C
LNK457 T
CASE = 100 °C
1
0.8
LNK454
0.3
LNK456
0.6
LNK457
1.0
LNK458
1.55
LNK460
3.1
Scaling Factors:
Figure 7.
Drain Capacitance vs. Drain Voltage.
Figure 8.
Power vs. Drain Voltage.
Figure 9.
Drain Current vs. Drain Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com