Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. LNK454VG Datasheet HTML 10Page - Power Integrations, Inc. LNK454VG Datasheet HTML 11Page - Power Integrations, Inc. LNK454VG Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev. A 06/10
8
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to +125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State Resistance
R
DS(ON)
LNK454
I
D = 26 mA
T
J = 25 °C
23.1
26.6
W
T
J = 100 °C
34.4
39.8
LNK456
I
D = 53 mA
T
J = 25 °C
11.7
13.5
T
J = 100 °C
17.5
20.2
LNK457
I
D = 85 mA
T
J = 25 °C
6.9
7.9
T
J = 100 °C
10.4
11.9
LNK458
I
D = 110 mA
T
J = 25 °C
4.4
5.1
T
J = 100 °C
6.7
7.6
LNK460
I
D = 170 mA
T
J = 25 °C
2.2
2.6
T
J = 100 °C
3.3
3.9
OFF-State Leakage
I
DSS1
V
BP = 6.2 V, VFB > VFB(SK) , VDS = 580 V,
T
J = 125 °C
50
µA
Breakdown Voltage
BV
DSS
V
BP = 6.2 V, VFB > VFB(SK), TJ = 25 °C
725
V
DRAIN Supply Voltage
50
V
Auto-Restart OFF-Time
t
AR(OFF)
f
MAIN = 50 Hz
1.28
s
f
MAIN = 60 Hz
1.02
Auto-Restart Duty Cycle
DC
AR
33
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com