Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK454VG Datasheet HTML 2Page - Power Integrations, Inc. LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. LNK454VG Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev. A 06/10
6
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to +125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Maximum Output
Frequency
f
MAX
T
J = 25 °C
Average
110
122
134
kHz
Peak-Peak Jitter
6
%
Minimum Output
Frequency
f
MIN
T
J = 25 °C
Average
25.8
28.7
31.6
kHz
Peak-Peak Jitter
6
%
Maximum Switch
ON-Time
t
ON(MAX)
T
J = 25 °C
5.74
µs
Minimum Switch
ON-Time
t
ON(MIN)
T
J = 25 °C
1.18
µs
ON-Time Extension
t
EXT
5.2
µs
Maximum Duty Cycle
DC
MAX
70
%
FEEDBACK Pin Voltage
V
FB
T
J = 25 °C
275
290
305
mV
FEEDBACK Pin Voltage
Triggering Cycle
Skipping Mode
V
FB(SK)
520
mV
FEEDBACK Pin Voltage
for IC Latch-OFF
V
FB(LO)
2000
mV
Feedback Pull-up
Current
I
FB
-1.3
-1.0
-0.7
µA
Absolute Maximum Ratings(1,4)
DRAIN Pin Peak Current: LNK454................. 400 mA (750 mA)
LNK456................850 mA (1450 mA)
LNK457 ............. 1350 mA (2000 mA)
LNK458..............1750 mA (2650 mA)
LNK460..............2700 mA (5100 mA)
DRAIN Pin Voltage ………………………............. -0.3 V to 725 V
FEEDBACK Pin Voltage ……………………… ............ -0.3 to 9 V
BYPASS Pin Voltage ……………………… ................. -0.3 to 9 V
Lead Temperature(3) ................................................................260
°C
Storage Temperature …………………................... -65 to 150 °C
Operating Junction Temperature(2).........................-40 to 150 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16 in. from case for 5 seconds.
4. The Absolute Maximum Ratings specified may be applied,
one at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for
extended periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: D (SO-8C) Package:
(
q
JA) .................................. 100 °C/W
(1)
, 80
°C/W(2)
(
q
JC) ............................................... ........ 30 °C/W
(3)
V (eDIP) Package:
(
q
JA) .................................... 68 °C/W
(1)
, 58
°C/W(2)
(
q
JC) ............................................... ...........2 °C/W
(4)
Notes:
1. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610g/m2) copper clad,
with no external heat sink attached.
2. Soldered to 1 sq. in. (645 mm2), 2 oz. (610g/m2) copper clad,
with no external heat sink attached.
3. Measured on the SOURCE pin close to plastic interface.
4. Measured at the surface of exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com