Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. LNK454VG Datasheet HTML 10Page - Power Integrations, Inc. LNK454VG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev. A 06/10
7
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to +125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Function (cont.)
DRAIN Supply Current
I
S1
V
FB > VFB(SK)
(MOSFET not switching)
450
µA
I
S2
V
FB = 0 V
(MOSFET switching
at f
MAX)
LNK454
530
µA
LNK456
585
LNK457
650
LNK458
730
LNK460
1050
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V,
T
J = 25 °C
LNK454
-5.9
-4.2
-2.5
mA
LNK456/457/458
-8.3
-5.9
-3.5
LNK460
-11.9
-8.5
-5.1
I
CH2
V
BP = 4 V,
T
J = 25 °C
LNK454
-3.4
-2.4
-1.4
mA
LNK456/457/458
-5.2
-3.7
-2.2
LNK460
-8.0
-5.7
-3.4
BYPASS Pin Voltage
V
BP
5.60
5.85
6.15
V
Circuit Protection
Current Limit
I
LIMIT(MIN)
di/dt = 160 mA/
µs
T
J = 25 °C
LNK454
245
264
283
mA
di/dt = 325 mA/
µs
T
J = 25 °C
LNK456
491
528
565
di/dt = 490 mA/
µs
T
J = 25 °C
LNK457
790
850
910
di/dt = 650 mA/
µs
T
J = 25 °C
LNK458
1023
1100
1177
di/dt = 980 mA/
µs
T
J = 25 °C
LNK460
1581
1700
1819
Leading Edge
Blanking Time
t
LEB
T
J = 25 °C
160
200
ns
Current Limit Delay
t
ILD
T
J = 25 °C
150
ns
Thermal Shutdown
Temperature
T
SD
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SD(H)
75
°C
BYPASS Pin Power-up
Reset Threshold Voltage
V
BP(RESET)
4.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com