Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK454VG Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LNK454VG
Description  LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK454VG Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LNK454VG Datasheet HTML 1Page - Power Integrations, Inc. LNK454VG Datasheet HTML 2Page - Power Integrations, Inc. LNK454VG Datasheet HTML 3Page - Power Integrations, Inc. LNK454VG Datasheet HTML 4Page - Power Integrations, Inc. LNK454VG Datasheet HTML 5Page - Power Integrations, Inc. LNK454VG Datasheet HTML 6Page - Power Integrations, Inc. LNK454VG Datasheet HTML 7Page - Power Integrations, Inc. LNK454VG Datasheet HTML 8Page - Power Integrations, Inc. LNK454VG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. A 06/10
2
LNK454/456-458/460
www.powerint.com
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
PRELIMINARY
Figure 3.
Pin Configuration (Top View).
Figure 2.
Functional Block Diagram.
Pin Functional Description
DRAIN (D) Pin:
High-voltage power MOSFET drain connection. The internal
start-up bias current is drawn from this pin through a switched
high-voltage current source. Drain current sensing and
associated controller functions are also performed using this pin.
SOURCE (S) Pin:
Power MOSFET source connection. Ground reference for
BYPASS and FEEDBACK pins.
BYPASS (BP) Pin:
Connection point for the external bypass capacitor for the
internally generated 5.85 V supply.
FEEDBACK (FB) Pin:
LED current sensing pin. During normal operation the 290 mV
threshold determines the average value of the current flowing
through the load sense resistor.
A second higher threshold clamps excessive output current ripple.
An additional higher threshold is used to protect against output
short-circuit and overvoltage conditions.
PI-5893-060210
DRAIN (D)
SOURCE (S)
BYPASS (BP)
FEEDBACK (FB)
VFB(LO)
VFB(SK)
Zero Crossing
V_ILIM
IFB
V_ZLIM
4.9 V
ILIM
ILIM
UV
SOA
UV
Update
CLK
S
Q
R
Q
S
Q
R
Q
ON-TIME
EXTENSION
AUTO-RESTART
VARIABLE FREQUENCY/
DUTY CONTROLLER
DIGITAL
INTEGRATOR
INC/DEC
FILTER
PHASE
MEASUREMENT
REGULATOR
5.85 V
VREF DAC
SET
CLR
SET
CLR
+
+
+
+
+
CURRENT LIMIT
SOA
STATE MACHINE
1
µA
PI-5836a-0526–10
Exposed Pad Internally
Connected to SOURCE Pin
1 NC
2 FB
3 BP
4 NC
5 NC
6 D
S 12
S 11
S 10
S 9
S 8
S 7
V Package (eDIP-12)
D Package (SO-8C)
FB
BP
D
1
2
4
8
7
6
5
S
S
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com