Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 24Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 25Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 26Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 27Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 28Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 29Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 30Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 31Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 28 of 40
THERMAL CONSIDERATIONS
The ADP1882/ADP1883 are used for dc-to-dc, step down, high
current applications that have an on-board controller and on-board
MOSFET drivers. Because applications may require up to 20 A
of load current delivery and be subjected to high ambient
temperature surroundings, the selection of external upper-side
and lower-side MOSFETs must be associated with careful thermal
consideration to not exceed the maximum allowable junction
temperature of 125°C. To avoid permanent or irreparable damage
if the junction temperature reaches or exceeds 155°C, the part
enters thermal shutdown, turning off both external MOSFETs,
and does not reenable until the junction temperature cools to
140°C (see the Thermal Shutdown section).
The maximum junction temperature allowed for the ADP1882/
ADP1883 ICs is 125°C. This means that the sum of the ambient
temperature (TA) and the rise in package temperature (TR), which
is caused by the thermal impedance of the package and the internal
power dissipation, should not exceed 125°C, as dictated by the
following expression:
TJ = TR × TA
where:
TA is the ambient temperature.
TJ is the maximum junction temperature.
TR is the rise in package temperature due to the power
dissipated from within.
The rise in package temperature is directly proportional to its
thermal impedance characteristics. The following equation
represents this proportionality relationship:
TR = θJA × PDR(LOSS)
where:
θJA is the thermal resistance of the package from the junction to
the outside surface of the die, where it meets the surrounding air.
PDR(LOSS) is the overall power dissipated by the IC.
The bulk of the power dissipated is due to the gate capacitance
of the external MOSFETs. The power loss equation of the MOSFET
drivers (see the MOSFET Driver Loss section in the Efficiency
Consideration section) is
PDR(LOSS) = [VDR × (fSWCupperFETVDR + IBIAS)]
+ [VDD × (fSWClowerFETVDD + IBIAS)]
where:
CupperFET is the input gate capacitance of the upper-side MOSFET.
ClowerFET is the input gate capacitance of the lower-side MOSFET.
IBIAS is the dc current (2 mA) flowing into the upper-side and
lower-side drivers.
VDR is the driver bias voltage (that is, the low input voltage (VDD)
minus the rectifier drop (see Figure 81)).
VDD is the bias voltage
For example, if the external MOSFET characteristics are θJA
(10-lead MSOP) = 171.2°C/W, fSW = 300 kHz, IBIAS = 2 mA,
CupperFET = 3.3 nF, ClowerFET = 3.3 nF, VDR = 5.12 V, and VDD = 5.5 V,
then the power loss is
PDR(LOSS) = [VDR × (fSWCupperFETVDR + IBIAS)]
+ [VDD × (fSWClowerFETVDD + IBIAS)]
= [5.12 × (300 × 103 × 3.3 × 10−9 × 5.12 + 0.002)]
+ [5.5 × (300 × 103 ×3.3 × 10−9 × 5.5 + 0.002)]
= 77.13 mW
The rise in package temperature is
TR = θJA × PDR(LOSS)
= 171.2°C × 77.13 mW
= 13.2°C
Assuming a maximum ambient temperature environment of 85°C,
the junction temperature is
TJ = TR × TA = 13.2°C + 85°C = 98.2°C
which is below the maximum junction temperature of 125°C.
DESIGN EXAMPLE
The ADP1882/ADP1883 are easy to use, requiring only a few
design criteria. For example, the example outlined in this section
uses only four design criteria: VOUT = 1.8 V, ILOAD = 15 A (pulsing),
VIN = 12 V (typical), and fSW = 300 kHz.
Input Capacitor
The maximum input voltage ripple is usually 1% of the
minimum input voltage (11.8 V × 0.01 = 120 mV).
VRIPP = 120 mV
VMAX,RIPPLE = VRIPP − (ILOAD,MAX × ESR)
= 120 mV − (15 A × 0.001) = 45 mV
mV
105
10
300
4
A
15
4
3
,
,
×
×
×
=
=
RIPPLE
MAX
SW
MAX
LOAD
IN,min
V
f
I
C
= 120 μF
Choose five 22 μF ceramic capacitors. The overall ESR of five
22 μF ceramic capacitors is less than 1 mΩ.
IRMS = ILOAD/2 = 7.5 A
PCIN = (IRMS)2 × ESR = (7.5A)2 × 1 mΩ = 56.25 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com