Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 27Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 28Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 29Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 30Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 31Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 32Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 33Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 34Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 31 of 40
EXTERNAL COMPONENT RECOMMENDATIONS
The configurations that are listed in Table 8 are with fCROSS = 1/12 × fSW, fZERO = ¼ × fCROSS, RRES = 100 kΩ, RBOT = 15 kΩ, RON = 5.4 mΩ
(BSC042N030MS G), VDD = 5 V, and a maximum load current of 14 A. The ADP1883 models that are listed in Table 8 are the PSM
versions of the device.
Table 8. External Component Values
Marking Code
SAP Model
ADP1882
ADP1883
VOUT
(V)
VIN
(V)
CIN
(μF)
COUT
(μF)
L1
(μH)
RC
(kΩ)
CCOMP
(pF)
CPAR
(pF)
RTOP
(kΩ)
ADP1882ARMZ-0.3-R7/
ADP1883ARMZ-0.3-R7
LGF
LGJ
0.8
13
5 × 225
5 × 5602
0.47
38.3
911
91
0.0
LGF
LGJ
1.2
13
5 × 225
4 × 5602
1.0
38.3
911
91
7.5
LGF
LGJ
1.8
13
5 × 225
5 × 2703
1.2
38.3
703
70
18.75
LGF
LGJ
2.5
13
5 × 225
3 × 2703
1.53
38.3
703
70
31.9
LGF
LGJ
3.3
13
5 × 225
3 × 3304
2.0
38.3
703
70
46.9
LGF
LGJ
5
13
4 × 225
3304
3.27
27.4
985
98
78.8
LGF
LGJ
7
13
4 × 225
225+ (4 × 476)
3.44
27.4
985
98
116.3
LGF
LGJ
1.2
16.5
5 × 225
4 × 5602
1.0
38.3
911
91
7.5
LGF
LGJ
1.8
16.5
4 × 225
4 × 2703
1.0
38.3
729
73
18.8
LGF
LGJ
2.5
16.5
4 × 225
4 × 2703
1.67
38.3
729
73
31.9
LGF
LGJ
3.3
16.5
4 × 225
3 × 3304
2.00
38.3
729
73
46.9
LGF
LGJ
5
16.5
3 × 225
2 × 1507
3.84
27.4
1020
102
78.8
LGF
LGJ
7
16.5
3 × 225
225+ 4 × 476
4.44
27.4
1020
102
116.3
ADP1882ARMZ-0.6-R7/
ADP1883ARMZ-0.6-R7
LGG
LGK
0.8
5.5
5 × 225
4 × 5602
0.22
38.3
418
42
0.0
LGG
LGK
1.2
5.5
5 × 225
4 × 2703
0.47
38.3
401
40
7.5
LGG
LGK
1.8
5.5
5 × 225
3 × 2703
0.47
38.3
334
33
18.8
LGG
LGK
2.5
5.5
5 × 225
3 × 1808
0.47
38.3
334
33
31.9
LGG
LGK
1.2
13
5× 225
5 × 2703
0.47
38.3
501
50
7.5
LGG
LGK
1.8
13
5 × 109
3 × 3304
0.72
38.3
378
38
18.8
LGG
LGK
2.5
13
5 × 109
3 × 2703
0.90
38.3
378
38
31.9
LGG
LGK
3.3
13
5 × 109
2 × 2703
1.00
38.3
378
38
46.9
LGG
LGK
5
13
5 × 109
1507
1.76
27.4
529
53
78.8
LGG
LGK
1.2
16.5
3 × 109
4 × 2703
0.47
38.3
445
45
7.5
LGG
LGK
1.8
16.5
4 × 109
2 × 3304
0.72
38.3
401
40
18.8
LGG
LGK
2.5
16.5
4 × 109
3 × 2703
0.90
38.3
401
40
31.9
LGG
LGK
3.3
16.5
4 × 109
3304
1.0
38.3
364
36
46.9
LGG
LGK
5
16.5
4 × 109
4 × 476
2.0
27.4
510
51
78.8
LGG
LGK
7
16.5
4 × 109
3 × 476
2.0
27.4
468
47
116.3
ADP1882ARMZ-1.0-R7/
ADP1883ARMZ-1.0-R7
LGH
LGL
0.8
5.5
5 × 225
4 × 2703
0.22
38.3
275
27
0.0
LGH
LGL
1.2
5.5
5 × 225
2 × 3304
0.22
38.3
275
27
7.5
LGH
LGL
1.8
5.5
3 × 225
3 × 1808
0.22
38.3
200
20
18.8
LGH
LGL
2.5
5.5
3 × 225
2703
0.22
38.3
200
20
31.9
LGH
LGL
1.2
13
4 × 109
3 × 3304
0.22
38.3
286
29
7.5
LGH
LGL
1.8
13
4 × 109
3 × 2703
0.47
38.3
259
26
18.8
LGH
LGL
2.5
13
4 × 109
2 x 2703
0.47
38.3
259
26
31.9
LGH
LGL
3.3
13
5 × 109
2703
0.72
38.3
259
26
46.9
LGH
LGL
5
13
4 × 109
3 × 476
1.0
27.4
330
33
78.8
LGH
LGL
1.2
16.5
4 × 109
4 × 2703
0.47
38.3
401
40
7.5
LGH
LGL
1.8
16.5
4 × 109
3 × 2703
0.47
38.3
321
32
18.8
LGH
LGL
2.5
16.5
4 × 109
3 × 1808
0.72
38.3
286
29
31.9
LGH
LGL
3.3
16.5
4 × 109
2703
0.72
38.3
267
27
46.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com