Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 11 of 40
290
294
298
302
306
310
314
318
322
326
330
334
338
342
346
350
354
358
0
0.8k1.6k2.4k3.2k4.0k4.8k5.6k6.4k7.2k8.0k8.8k 9.6k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 13V
630
638
646
654
662
670
678
686
694
702
710
718
726
734
742
750
0
0.8k 1.6k 2.4k 3.2k 4.0k 4.8k 5.6k 6.4k 7.2k 8.0k 8.8k 9.6k
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
VIN = 16.5V
Figure 28. Frequency vs. Load Current, 300 kHz, VOUT = 7 V
190
220
250
280
310
340
370
400
430
460
490
520
550
580
610
640
670
700
0
2k4k6k8k
10k
12k
14k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
Figure 29. Frequency vs. Load Current, 600 kHz, VOUT = 0.8 V
495
515
535
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
LOAD CURRENT (mA)
555
575
595
615
635
655
675
695
715
735
755
775
795
815
835
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
+125°C
+25°C
–40°C
VIN = 13V
Figure 30. Frequency vs. Load Current, 600 kHz, VOUT = 1.8 V
+125°C
+25°C
–40°C
Figure 31. Frequency vs. Load Current, 600 kHz, VOUT =5 V
400
475
550
625
700
775
850
925
1000
1075
1150
1225
1300
0
2k4k6k8k
10k
12k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
Figure 32. Frequency vs. Load Current, VOUT = 1.0 MHz, 0.8 V
550
625
700
775
850
925
1000
1075
1150
1225
1300
1375
1450
0
2k
4k
6k
8k
10k
12k
14k
16k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
Figure 33. Frequency vs. Load Current, 1.0 MHz, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com