Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 9 of 40
0.795
0.797
0.799
0.801
0.803
0.805
0.807
0.809
0.811
0.813
0.815
0.817
0.819
0.821
0.823
0.825
0.827
0.829
0
2k
4k0
6k
8k
10k
12k
14k
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 16.5V
VIN = 13V
VIN = 16.5V
+125°C
+25°C
–40°C
Figure 16. Output Voltage Accuracy—600 kHz, VOUT = 0.8 V
LOAD CURRENT (mA)
0
1.5k
3.0k
4.5k
6.0k
7.5k
9.0k 10.5k 12.0k 13.5k 15.0k
1.786
1.788
1.790
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
VIN = 16V
+125°C
+25°C
–40°C
Figure 17. Output Voltage Accuracy—600 kHz, VOUT = 1.8 V
0
1k2k
3k4k
5k6k
7k
8k
9k
10k
LOAD CURRENT (mA)
4.975
4.970
5.015
5.010
5.005
5.000
4.995
4.990
4.985
4.980
+125°C
VDD = 5.5V, VIN = 13V
VDD = 5.5V, VIN = 16.5V
+25°C
–40°C
+125°C
+25°C
–40°C
Figure 18. Output Voltage Accuracy—600 kHz, VOUT = 5 V
0
2k4k
6k8k
10k
12k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
0.820
0.818
0.816
0.814
0.812
0.810
0.808
0.806
0.804
0.802
0.800
0.798
0.796
0.794
0.792
0.790
Figure 19. Output Voltage Accuracy—1.0 MHz, VOUT = 0.8 V
0
1.5k
3.0k
4.5k
6.0k
7.5k
9.0k 10.5k 12.0k 13.5k 15.0k
LOAD CURRENT (mA)
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
1.808
1.806
1.804
1.802
1.800
1.798
1.796
1.794
1.792
1.790
1.788
1.786
1.784
1.782
1.780
Figure 20. Output Voltage Accuracy—1.0 MHz, VOUT = 1.8 V
4.060
4.055
4.050
4.045
4.040
4.035
4.030
4.025
4.020
4.015
4.010
4.005
4.000
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 13V
0
8.0k1.6k2.4k3.2k4.0k4.8k5.6k6.4k7.2k8.0k
LOAD CURRENT (mA)
Figure 21. Output Voltage Accuracy—1.0 MHz, VOUT = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com