Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1882ARMZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +6 V
VIN to PGND
−0.3 V to +28 V
FB, COMP/EN to GND
−0.3 V to (VDD + 0.3 V)
DRVL to PGND
−0.3 V to (VDD + 0.3 V)
SW to PGND
−2.0 V to +28 V
BST to SW
−0.8 V to (VDD + 0.3 V)
BST to PGND
−0.3 V to 28 V
DRVH to SW
−0.3 V to VDD
PGND to GND
±0.3 V
θJA (10-Lead MSOP)
2-Layer Board
213.1°C/W
4-Layer Board
171.7°C/W
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Maximum Soldering Lead Temperature
(10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to PGND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA1
Unit
θJA (10-Lead MSOP)
2-Layer Board
213.1
°C/W
4-Layer Board
171.7
°C/W
1 θJA is specified for the worst-case conditions; that is, θJA is specified for device
soldered in a circuit board for surface-mount packages.
BOUNDARY CONDITION
In determining the values given in Table 2 and Table 3, natural
convection was used to transfer heat to a 4-layer evaluation board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com