Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 15 of 40
CH1 10A
Ω
CH2 200mV
B
W
CH3 20V
CH4 5V
M10µs
A CH1
5.60A
T 23.8%
1
2
3
4
OUTPUT VOLTAGE
12A NEGATIVE STEP
SW NODE
LOW
SIDE
Figure 52. Negative Step During Heavy Load Transient Behavior—Forced PWM
at Light Load, 20 A (See Figure 92 for Applications Circuit)
CH1 2V BW CH2 5A Ω
CH3 10V
CH4 5V
M4ms
A CH1
920mV
T 49.4%
1
2
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE
Figure 53. Output Short-Circuit Behavior Leading to Hiccup Mode
CH1 5V BW CH2 10A Ω
CH3 10V
CH4 5V
M10µs
A CH2
8.20A
T 36.2%
1
2
3
4
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE
Figure 54. Magnified Waveform During Hiccup Mode
CH1 2V BW CH2 5A Ω
CH3 10V
CH4 5V
M2ms
A CH1
720mV
T 32.8%
1
2
3
OUTPUT VOLTAGE
INDUCTOR CURRENT
LOW SIDE
4
SW NODE
Figure 55. Start-Up Behavior at Heavy Load, 18 A, 300 kHz
(See Figure 92 for Applications Circuit)
CH1 2V BW CH2 5A Ω
CH3 10V
CH4 5V
M4ms
A CH1
720mV
T 41.6%
1
2
3
OUTPUT VOLTAGE
INDUCTOR CURRENT
LOW SIDE
4
SW NODE
Figure 56. Power-Down Waveform During Heavy Load
CH1 50mV BW CH2 5A Ω
CH3 10V BW
CH4 5V
M2µs
A CH2
3.90A
T 35.8%
1
2
3
OUTPUT VOLTAGE
INDUCTOR CURRENT
SW NODE
LOW SIDE
4
Figure 57. Output Voltage Ripple Waveform During PSM Operation
at Light Load, 2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com