Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1882ARMZ-1.0-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 10 of 40
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
0.804
–40.0
–7.5
25.0
57.5
90.0
122.5
TEMPERATURE (°C)
VDD = 2.7V, VIN = 2.7/3.6V
VDD = 3.6V, VIN = 3.6V TO 16.5V
VDD = 5.5V, VIN = 5.5/13V/16.5V
Figure 22. Feedback Voltage vs. Temperature
225
235
10.8 11.0 11.2 11.4 11.6 11.8 12.0 12.2 12.4 12.6 12.8 13.0 13.2
245
255
265
275
285
295
305
315
325
335
VIN (V)
VDD = 5.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VDD = 3.6V
Figure 23. Switching Frequency vs. High Input Voltage, 300 kHz, ±10% of 12 V
400
10.8 11.0 11.2 11.4 11.6 11.8 12.0 12.2 12.4 12.6 12.8 13.0 13.2
VIN (V)
450
500
550
600
650
VDD = 5.5V
+125°C
+125°C
VOUT = 1.8V
+25°C
–40°C
+25°C
–40°C
Figure 24. Switching Frequency vs. High Input Voltage, 600 kHz, VOUT = 1.8 V,
±10% of 12 V
550
600
650
700
750
800
850
900
950
1000
10.8 11.0 11.2 11.4 11.6 11.8 12.0 12.2 12.4 12.6 12.8 13.0 13.2
VIN (V)
VIN = 5.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 3.6V
Figure 25. Switching Frequency vs. High Input Voltage, 1.0 MHz, ±10% of 12 V
VIN = 16.5V
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
+125°C
+25°C
–40°C
VIN = 5.5V
VIN = 13V
190
205
220
235
250
265
280
295
310
325
340
355
0
2k
4k
6k
8k
10k
12k
14k
16k
LOAD CURRENT (mA)
Figure 26. Frequency vs. Load Current, 300 kHz, VOUT = 0.8 V
260
270
280
290
300
310
320
330
340
350
360
370
380
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 5.5V
+125°C
+25°C
–40°C
VIN = 13V
VIN = 16.5V
+125°C
+25°C
–40°C
Figure 27. Frequency vs. Load Current, 300 kHz, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com