Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 2Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 3Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 4Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 5Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 6Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADT7320
Preliminary Technical Data
Rev. PrA | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
VDD
GND
CT
9 INT
SCLK
DIN
2
DOUT
CS
ADT7320
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE IS CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY, IT IS
RECOMMENDED THAT THE PAD BE SOLDERED TO
THE GROUND PLANE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. The serial clock is used to clock in and clock out data to and from any register of the
ADT7320.
2
DOUT
Serial Data Output. Data is clocked out on the SCLK falling edge and is valid on the SCLK rising edge.
3
DIN
Serial Data Input. Serial data to be loaded to the control registers of the part is provided on this input. Data
is clocked into the registers on the rising edge of SCLK.
4
CS
Chip Select Input. The device is selected when this input is low. The device is disabled when this pin is high.
5
NC
No Connect.
6
NC
No Connect.
7
NC
No Connect.
8
NC
No Connect.
9
INT
Overtemperature and Undertemperature Indicator. Logic output. Power-up default setting is as an active
low comparator interrupt. Open-drain configuration. A pull-up resistor is required, typically 10 kΩ.
10
CT
Critical Overtemperature Indicator. Logic output. Power-up default polarity is active low. Open-drain
configuration. A pull-up resistor is required, typically 10 kΩ.
11
GND
Analog and Digital Ground.
12
VDD
Positive Supply Voltage (2.7 V to 5.5 V). The supply should be decoupled with a 0.1 μF ceramic capacitor to
ground.
13
NC
No Connect.
14
NC
No Connect.
15
NC
No Connect.
16
NC
No Connect.
EPAD
The exposed paddle is connected internally. For increased reliability of the solder joints and maximum
thermal capability, it is recommended that the pad be soldered to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com