Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADT7320
Preliminary Technical Data
Rev. PrA | Page 16 of 24
TEMPERATURE VALUE REGISTER
The temperature value register stores the temperature measured
by the internal temperature sensor. The temperature is stored as
a 16-bit twos complement format. The temperature is read back
from the temperature value register (Register Address 0x02) as a
16-bit value.
Bit 2, Bit 1, and Bit 0 are event alarm flags for TCRIT, THIGH, and
TLOW. When the ADC is configured to convert the temperature
to a 16-bit digital value, Bit 2, Bit 1, and Bit 0 are no longer used
as flag bits and are, instead, used as the LSB bits for the extended
digital value.
ID REGISTER
This 8-bit read-only register (Register Address 0x03) stores
the manufacturer ID in Bit 7 to Bit 3 and the silicon revision in
Bit 2 to Bit 0.
TCRIT SETPOINT REGISTER
The 16-bit TCRIT setpoint register (Register Address 0x04) stores
the critical overtemperature limit value. A critical overtemperature
event occurs when the temperature value stored in the temperature
value register exceeds the value stored in this register. The CT
pin is activated if a critical overtemperature event occurs. The
temperature is stored in twos complement format with the MSB
being the temperature sign bit.
The default setting for the TCRIT setpoint is 147°C.
Table 9. Temperature Value Register (Register Address 0x02)
Bit
Default Value
Type
Name
Description
[0]
0
R
TLOW flag/LSB0
Flags a TLOW event if the configuration register, Register Address 0x01[7] = 0
(13-bit resolution). When the temperature value is below TLOW,, this bit it set to 1.
Contains the Least Significant Bit 0 of the 15-bit temperature value if the
configuration register, Register Address 0x01[7] = 1 (16-bit resolution).
[1]
0
R
THIGH flag/LSB1
Flags a THIGH event if the configuration register, Register Address 0x01[7] = 0
(13-bit resolution). When the temperature value is above THIGH, this bit it set to 1.
Contains the Least Significant Bit 1 of the 15-bit temperature value if the
configuration register, Register Address 0x01[7] = 1 (16-bit resolution).
[2]
0
R
TCRIT flag/LSB2
Flags a TCRIT event if the configuration register, Register Address 0x01[7] = 0
(13-bit resolution). When the temperature value exceeds TCRIT, this bit it set to 1.
Contains the Least Significant Bit 2 of the 15-bit temperature value if the
configuration register, Register Address 0x01[7] = 1 (16-bit resolution).
[3:7]
00000
R
Temp
Temperature value in twos complement format.
[8:14]
0000000
R
Temp
Temperature value in twos complement format.
[15]
0
R
Sign
Sign bit, indicates if the temperature value is negative or positive.
Table 10. ID Register (Register Address 0x03)
Bit
Default Value
Type
Name
Description
[2:0]
XXX
R
Revision ID
Contains the silicon revision identification number.
[7:3]
11000
R
Manufacture ID
Contains the manufacturer identification number.
Table 11. TCRIT Setpoint Register (Register Address 0x04)
Bit
Default Value
Type
Name
Description
[15:0]
0x4980
R/W
TCRIT
16-bit critical overtemperature limit, stored in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com