Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7320
Preliminary Technical Data
Rev. PrA | Page 14 of 24
REGISTERS
The ADT7320 contains eight registers:
•
A status register
•
A configuration register
•
Five temperature registers
•
An ID register
The status register, temperature value register, and the ID
register are read-only.
Table 6. ADT7320 Registers
Register Address
Description
Power-On Default
0x00
Status
0x80
0x01
Configuration
0x00
0x02
Temperature value
0x0000
0x03
ID
0xCX
0x04
TCRIT setpoint
0x4980 (147°C)
0x05
THYST setpoint
0x05 (5°C)
0x06
THIGH setpoint
0x2000 (64°C)
0x07
TLOW setpoint
0x0500 (10°C)
STATUS REGISTER
This 8-bit read-only register (Register Address 0x00) reflects the
status of the overtemperature and undertemperature interrupts
that can cause the CT and INT pins to go active. It also reflects
the status of a temperature conversion operation. The interrupt
flags in this register are reset by a read operation to the status
register and/or when the temperature value returns within the
temperature limits including hysteresis. The RDY bit is reset after a
read from the temperature value register. In one-shot and 1 SPS
modes, the RDY bit is reset after a write to the one-shot bits.
Table 7. Status Register (Register Address 0x00)
Bit(s)
Default Value
Type
Name
Description
[0:3]
0000
R
Unused
Reads back 0.
[4]
0
R
TLOW
This bit is set to 1 when the temperature goes below the TLOW temperature limit. This bit
clears to 0 when the status register is read and/or when the temperature measured goes
back above the limit set in the TLOW + THYST setpoint registers.
[5]
0
R
THIGH
This bit is set to 1 when the temperature goes above the THIGH temperature limit. This bit
clears to 0 when the status register is read and/or when the temperature measured goes
back below the limit set in the THIGH − THYST setpoint registers.
[6]
0
R
TCRIT
This bit is set to 1 when the temperature goes above the TCRIT temperature limit. This bit
clears to 0 when the status register is read and/or when the temperature measured goes
back below the limit set in the TCRIT − THYST setpoint registers.
[7]
1
R
RDY
This bit goes low when the temperature conversion result is written into the temperature
value register. It is reset to 1 when the temperature value register is read. In one-shot and
1 SPS modes, this bit is reset after a write to the one-shot bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com