Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 7Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 8Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 9Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 10Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 11Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 12Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 13Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
ADT7320
Rev. PrA | Page 11 of 24
CT and INT Operation in One-Shot Mode
See Figure 13 for more information on one-shot CT pin
operation for TCRIT overtemperature events when one of the
limits is exceeded. Note that in interrupt mode, a read from
any register resets the INT and CT pins.
For the INT pin in comparator mode, if the temperature drops
below the THIGH − THYST value or goes above the TLOW + THYST
value, a write to the one-shot bits (Bit 5 and Bit 6 of the
configuration register, Register Address 0x01) resets the INT pin.
For the CT pin in the comparator mode, if the temperature drops
below the TCRIT − THYST value, a write to the one-shot bits (Bit 5
and Bit 6 of the configuration register, Register Address 0x01)
resets the CT pin, see Figure 13.
Note that when using one-shot mode, ensure that the refresh
rate is appropriate to the application being used.
TEMPERATURE
149°C
148°C
147°C
146°C
145°C
144°C
143°C
142°C
141°C
140°C
CT PIN
POLARITY = ACTIVE LOW
CT PIN
POLARITY = ACTIVE HIGH
TCRIT
TCRIT – THYST
TIME
*THERE IS A 240ms DELAY BETWEEN WRITING TO THE CONFIGURATION REGISTER TO START
A STANDARD ONE-SHOT CONVERSION AND THE CT PIN GOING ACTIVE. THIS IS DUE TO THE
CONVERSION TIME. THE DELAY IS 60ms IN THE CASE OF A ONE-SHOT CONVERSION.
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
WRITE TO
BIT 5 AND BIT 6 OF
CONFIGURATION
REGISTER.*
Figure 13. One-Shot CT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com