Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 22Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 23Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADT7320
Preliminary Technical Data
Rev. PrA | Page 20 of 24
CONT
READ
C3
C2
C5
C4
DIN
C7
C6
C1
C0
8-BIT DATA
5
6
7
8
9
10
1112
1314
15
16
SCLK
123
4
D6
D5
CS
R/W
REGISTER ADDR
0
0
0
D4
D3
D2
D1
D0
D7
DOUT
8-BIT COMMAND WORD
Figure 18. Read from an 8-Bit Register
C3
C2
C5
C4
DIN
C7
C6
C1
D2
D1
D0
C0
16-BIT DATA
5
24
6
7
8
9
10
11
12
13
14
15
16
22
23
SCLK
12
3
4
D14
D13
17
CS
R/W
REGISTER ADDR
0
0
0
CONT
READ
D12
D11
D10
D9
D8
D7
D15
DOUT
8-BIT COMMAND BYTE
Figure 19. Read from a 16-Bit Register
READING DATA
A read transaction begins when the master writes the command
byte to the ADT7320 with the read/write bit set to 1. The master
then supplies 8 or 16 clock pulses, depending on the addressed
register, and the ADT7320 clocks out data from the addressed
register on the DOUT line. Data is clocked out on the first
falling edge of SCLK following the command byte.
The read transaction finishes when the master takes CS high.
The master must begin a new read transaction on the bus for
every register read. Only one register is read per bus transaction.
However, in continuous read mode, Command Byte C2 = 1 and
the temperature value register can be read from continuously.
The master sends 16 clock pulses on SCLK, and the temperature
value is clocked out on DOUT. See Figure 18 and Figure 19.
INTERFACING TO DSPs OR MICROCONTROLLERS
The ADT7320 can be operated with CS used as a frame syn-
chronization signal. This scheme is useful for DSP interfaces.
In this case, the first bit (MSB) is effectively clocked out by CS
because CS normally occurs after the falling edge of SCLK in
DSPs. SCLK can continue to run between data transfers,
provided that the timing numbers are obeyed.
CS can be tied to ground and the serial interface can operate in
a 3-wire mode. DIN, DOUT, and SCLK are used to communicate
with the ADT7320 in this mode.
For microcontroller interfaces, it is recommended that SCLK
idle high between data transfers.
SERIAL INTERFACE RESET
The serial interface can be reset by writing a series of 1s on the DIN
input. If a Logic 1 is written to the ADT7320 line for at least 32 serial
clock cycles, the serial interface is reset. This ensures that the interface
can be reset to a known state if the interface gets lost due to a software
error or some glitch in the system. Reset returns the interface to
the state in which it is expecting a write to the communications
register. This operation resets the contents of all registers to their
power-on values. Following a reset, the user should allow a period
of 500 μs before addressing the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com