Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 14Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 15Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT7320
Preliminary Technical Data
Rev. PrA | Page 18 of 24
SERIAL INTERFACE
ADT7320
GND
SCLK
DOUT
DIN
CT
INT
VDD
10kΩ
10kΩ
PULL-UP
VDD
0.1µF
MICROCONTROLLER
VDD
CS
Figure 15. Typical SPI Interface Connection
The ADT7320 has a 4-wire serial peripheral interface (SPI). The
interface has a data input pin (DIN) for inputting data to the device,
a data output pin (DOUT) for reading data back from the device,
and a data clock pin (SCLK) for clocking data into and out of
the device. A chip select pin (CS) enables or disables the serial
interface. CS is required for correct operation of the interface.
Data is clocked out of the ADT7320 on the negative edge of SCLK,
and data is clocked into the device on the positive edge of SCLK.
SPI COMMAND BYTE
All data transactions on the bus begin with the master taking
CS from high to low and sending out the command byte. This
indicates to the ADT7320 whether the transaction is a read or a
write and provides the address of the register for the data transfer.
Table 15 shows the command byte.
Table 15. Command Byte
C7
C6
C5
C4
C3
C2
C1
C0
0
R/W
Register address
Continuous read
0
0
Bit C7 of the command byte must be set to 0 to successfully begin a
bus transaction. The SPI interface does not work correctly if a 1
is written into this bit.
Bit C6 is the read/write bit; 1 indicates a read, and 0 indicates a write.
Bits[C5:C3] contain the target register address. One register can
be read from or written to per bus transaction.
Bit C2 activates a continuous read mode on the temperature value
register only. When this bit is set, the serial interface is configured
so that the temperature value register can be continuously read.
When the command word is 01010100 (0x54), the contents of
the temperature value register can be read out without requiring
repeated writes to set the address bits. Simply sending 16 SCLK
clocks to the ADT7320 clocks the contents of the temperature
value register onto the DOUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com