Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7320UCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADT7320UCPZ-R2
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320UCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADT7320UCPZ-R2 Datasheet HTML 16Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 17Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 18Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 19Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 20Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 21Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 22Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 23Page - Analog Devices ADT7320UCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary Technical Data
ADT7320
Rev. PrA | Page 23 of 24
APPLICATIONS INFORMATION
THERMAL RESPONSE TIME
The time required for a temperature sensor to settle to a specified
accuracy is a function of the thermal mass of the sensor and the
thermal conductivity between the sensor and the object being sensed.
Thermal mass is often considered equivalent to capacitance.
Thermal conductivity is commonly specified using the symbol,
Q, and can be thought of as thermal resistance. It is commonly
specified in units of degrees per watt of power transferred across
the thermal joint. The time required for the part to settle to the
desired accuracy is dependent on the thermal contact established
in that particular application and the equivalent power of the
heat source. In most applications, the settling time is best
determined empirically.
SUPPLY DECOUPLING
The ADT7320 should be decoupled with a 0.1 μF ceramic capacitor
between VDD and GND. This is particularly important when the
ADT7320 is mounted remotely from the power supply. Precision
analog products, such as the ADT7320, require a well-filtered
power source.
Because the ADT7320 operates from a single supply, it may
seem convenient to tap into the digital logic power supply.
Unfortunately, the logic supply is often a switch-mode design,
which generates noise in the 20 kHz to 1 MHz range. In addition,
fast logic gates can generate glitches hundreds of millivolts in
amplitude due to wiring resistance and inductance.
If possible, the ADT7320 should be powered directly from the
system power supply. This arrangement, shown in Figure 22,
isolates the analog section from the logic-switching transients.
Even if a separate power supply trace is not available, generous
supply bypassing reduces supply-line induced errors. Local supply
bypassing consisting of a 0.1 μF ceramic capacitor is critical for
the temperature accuracy specifications to be achieved. This
decoupling capacitor must be placed as close as possible to the
VDD pin of the ADT7320.
0.1µF
ADT7320
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY
Figure 22. Use of Separate Traces to Reduce Power Supply Noise
TEMPERATURE MONITORING
The ADT7320 is ideal for monitoring the thermal environment
within hazardous automotive applications. The die accurately reflects
the exact thermal conditions that affect nearby integrated circuits.
The ADT7320 measures and converts the temperature at the
surface of its own semiconductor chip. When the ADT7320 is
used to measure the temperature of a nearby heat source, the
thermal impedance between the heat source and the ADT7320
must be considered.
When the thermal impedance is determined, the temperature of
the heat source can be inferred from the ADT7320 output. As
much as 60% of the heat transferred from the heat source to the
thermal sensor on the ADT7320 die is discharged via the copper
tracks and the bond pads. Of the pads on the ADT7320, the
GND pad transfers most of the heat. Therefore, to measure the
temperature of a heat source, it is recommended that the thermal
resistance between the ADT7320 GND pad and the GND of the
heat source be reduced as much as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com