Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN012-100YS Datasheet HTML 1Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
2 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
2.
Pinning information
3.
Ordering information
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =15 A;
Tj = 100 °C; see Figure 12
--23
m
Ω
VGS =10V; ID =15 A;
Tj = 25 °C; see Figure 13
-
1012m
Ω
Table 1.
Quick reference …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK)
2S
source
3S
source
4G
gate
mb
D
mounting base; connected to
drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN012-100YS
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com