Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN012-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
6 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =0.25mA; VGS =0V; Tj =-55 °C
90
-
-
V
ID =0.25mA; VGS =0V; Tj =25°C
100
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 10
0.95
-
-
V
ID =1mA; VDS = VGS; Tj = 25 °C; see Figure 11
and 10
23
4V
ID =1mA; VDS = VGS; Tj =-55 °C;
see Figure 10
--
4.6
V
IDSS
drain leakage current
VDS =100 V; VGS =0V; Tj = 125 °C
-
-
100
µA
VDS =100 V; VGS =0V; Tj = 25 °C
-
0.06
5
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =15A; Tj = 100 °C;
see Figure 12
--
23
m
Ω
VGS =10V; ID =15A; Tj = 175 °C;
see Figure 12
-27
35.8
m
Ω
VGS =10V; ID =15A; Tj =25°C;
see Figure 13
-10
12
m
Ω
RG
internal gate resistance
(AC)
f=1MHz
-
0.7
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID =0A; VDS =0V; VGS =10V
-
51
-
nC
ID =45A; VDS =50V; VGS =10V;
see Figure 14 and 15
-64
-
nC
QGS
gate-source charge
-
14.9
-
nC
QGS(th)
pre-threshold
gate-source charge
ID =45A; VDS =50V; VGS =10V;
see Figure 14
-
10.2
-
nC
QGS(th-pl)
post-threshold
gate-source charge
-4.7
-nC
QGD
gate-drain charge
ID =45A; VDS =50V; VGS =10V;
see Figure 14 and 15
-19
-
nC
VGS(pl)
gate-source plateau
voltage
VDS =50V; see Figure 14 and 15
-4.4
-V
Ciss
input capacitance
VDS =50V; VGS = 0 V; f = 1 MHz; Tj =25°C;
see Figure 16
-
3500
-
pF
Coss
output capacitance
-
246
-
pF
Crss
reverse transfer
capacitance
-
149
-
pF
td(on)
turn-on delay time
VDS =50V; RL =1.1 Ω; VGS =10V;
RG(ext) =4.7 Ω; Tj =25°C
-23
-
ns
tr
rise time
-
31
-
ns
td(off)
turn-off delay time
-
52.5
-
ns
tf
fall time
-
25
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com