Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 12Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 13Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 14Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
14 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
Export control — This document as well as the item(s) described herein may
be subject to export control regulations. Export might require a prior
authorization from national authorities.
Non-automotive qualified products — Unless the data sheet of an NXP
Semiconductors product expressly states that the product is automotive
qualified, the product is not suitable for automotive use. It is neither qualified
nor tested in accordance with automotive testing or application requirements.
NXP Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications. In
the event that customer uses the product for design-in and use in automotive
applications to automotive specifications and standards, customer (a) shall
use the product without NXP Semiconductors’ warranty of the product for
such automotive applications, use and specifications, and (b) whenever
customer uses the product for automotive applications beyond NXP
Semiconductors’ specifications such use shall be solely at customer’s own
risk, and (c) customer fully indemnifies NXP Semiconductors for any liability,
damages or failed product claims resulting from customer design and use of
the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
TrenchMOS — is a trademark of NXP B.V.
10. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com