Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN012-100YS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN012-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 12Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 13Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 14Page - NXP Semiconductors PSMN012-100YS Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
11 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
7.
Package outline
Fig 18. Package outline SOT669 (LFPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
04-10-13
06-03-16
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com